データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF45CV5V データシート(PDF) 29 Page - STMicroelectronics

部品番号 LF45CV5V
部品情報  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF45CV5V データシート(HTML) 29 Page - STMicroelectronics

Back Button LF45CV5V Datasheet HTML 24Page - STMicroelectronics LF45CV5V Datasheet HTML 25Page - STMicroelectronics LF45CV5V Datasheet HTML 26Page - STMicroelectronics LF45CV5V Datasheet HTML 27Page - STMicroelectronics LF45CV5V Datasheet HTML 28Page - STMicroelectronics LF45CV5V Datasheet HTML 29Page - STMicroelectronics LF45CV5V Datasheet HTML 30Page - STMicroelectronics LF45CV5V Datasheet HTML 31Page - STMicroelectronics LF45CV5V Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.4
0.7
0.015
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
L2
L6
¯
L3
123
L7
L4
ISOWATT220 MECHANICAL DATA
P011G
LF00AB/C
29/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32