| データシートサーチシステム |
|
MPR083Q データシート(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR083Q データシート(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 35 page ![]() MPR083 Sensors 28 Freescale Semiconductor Preliminary Appendix C Ordering Information C.1 Ordering Information This section contains ordering information for MPR083Q and MPR083EJ devices. C.2 Device Numbering Scheme All Proximity Sensor Products have a similar numbering scheme. The below diagram explains what each part number in the family represents. ORDERING INFORMATION Device Name Temperature Range Case Number Rotary Slider MPR083Q -40 °C to +85°C 1679 (16-Lead QFN) 8-Positions MPR083EJ 948F (16-Lead TSSOP) M Status (M = Fully Qualified, P = Preproduction) PR Proximity Sensor Product EE X P Number of Electrodes (08 = 8 electrode device) Package Designator Version (Q = QFN, EJ = TSSOP) |