データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1593PPCB データシート(PDF) 2 Page - Hammond Manufacturing Ltd.

部品番号 1593PPCB
部品情報  ABS Plastic Hand Held/Instrument Enclosures
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMMOND [Hammond Manufacturing Ltd.]
ホームページ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1593PPCB データシート(HTML) 2 Page - Hammond Manufacturing Ltd.

  1593PPCB Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1593PPCB Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1593PPCB Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6/25/2018
ABS Plastic Hand Held/Instrument Enclosures (1593 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1593
2/3
The 1593NBK, 1593NGY are designed to
house smart card readers (shown with
modified end panel).
Infrared Panels
Sold in packs of 10 panels.
See tables below for
compatibility.
PC Board
See tables below for
compatibility.
Belt Clip
Plastic clip with nylon screws
(for insulation). Includes a
drill template for mounting.
1599CLIP (black)
1599CLIPGY (gray)
1593 Series Accessories
Enclosure Part Numbers
Part Number
Part Number
Part Number
Removable
Battery
Length
Width
Enclosure
Black
Gray
Trans Blue
Panels
Door
Depth
1593KBK
1593KGY
1593KTBU
2
No
2.60
2.60
1.10
1593JBK
1593JGY
1593JTBU
0
No
2.60
2.60
1.10
1593ARBK
1593ARGY
1593ARTBU
2
No
2.95
2.91
1.06
1593SBK
1593SGY
1593STBU
1
Yes
3.60
2.60
0.83
1593PBK
1593PGY
1593PTBU
1
Yes
3.60
2.60
1.10
1593LBK
1593LGY
1593LTBU
2
No
3.60
2.60
1.10
1593BBBK
1593BBGY
1593BBTBU
2
No
3.75
3.00
1.18
1593NBK
1593NGY
1593NTBU
2
No
4.30
2.90
1.00
1593TBK
1593TGY
1593TTBU
1
Yes
4.40
2.60
0.83
1593QBK
1593QGY
1593QTBU
1
Yes
4.40
2.60
1.10
1593DBK
1593DGY
1593DTBU
2
No
4.50
1.40
1.00
1593YBK
1593YGY
1593YTBU
1
Yes
5.50
2.60
1.10
1593XBK
1593XGY
1593XTBU
2
No
5.50
2.60
1.10
Replacement Screws & Accessories
Enclosure Part
Number
Silver
Assembly
Black
Assembly
Internal Accessory
Screws
IR Panels
PC Board
Beginning With
Screws (100-
pack)
Screws (100-
pack)
(PC Board Mounting)
50-pack
(10-pack)
(enclosure sold
separately)
1593K
1593QS100
1593QS100BK 1593ATS50
1593PIR10
1593KPCB
1593J
1593QS100
1593QS100BK 1593ATS50
1593AR
1591TS100
1591TS100BK SC519-50
1593ARIR10



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com