データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24256 データシート(PDF) 16 Page - STMicroelectronics

部品番号 M24256
部品情報  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 データシート(HTML) 16 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics M24256 Datasheet HTML 14Page - STMicroelectronics M24256 Datasheet HTML 15Page - STMicroelectronics M24256 Datasheet HTML 16Page - STMicroelectronics M24256 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
M24256, M24128
16/17
Table 12. Revision History
Date
Rev.
Description of Revision
30-Mar-2001
2.2
References added to the M24256B and M24128B products
Lead Soldering Temperature in the Absolute Maximum Ratings table amended
Write Cycle Polling Flow Chart using ACK illustration updated
References to PSDIP8 changed to PDIP8, and Package Mechanical data updated
01-Jun-2001
2.3
Document promoted from “Preliminary Data” to “Full Data Sheet”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17