データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PROF2BTS70041EPPDBTOBO1 データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 PROF2BTS70041EPPDBTOBO1
部品情報  Customer evaluation kit description
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PROF2BTS70041EPPDBTOBO1 データシート(HTML) 6 Page - Infineon Technologies AG

Back Button PROF2BTS70041EPPDBTOBO1 Datasheet HTML 2Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 3Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 4Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 5Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 6Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 7Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 8Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 9Page - Infineon Technologies AG PROF2BTS70041EPPDBTOBO1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Table 6 below lists the description of J_SENSE1 and J_SENSE2 jumpers [5], as well as their positions and the
position of pin 1.
In order to convert the IS current into a voltage, J_SENSE2 [3] needs to be closed. In case of using a different
sense resistor, either replace RIS or use an external resistor. Therefore, remove J_SENSE2 [3] and close JSENSE
[1] to enable a direct path from the IS pin of the device to the banana connector. All jumpers are open by
default.
Table 6
J_SENSE1/J_SENSE2 [5] jumper positions
#
Description
J_SENSE1 [1]
It connects the IS pin of the device directly to the banana connector of the MB and
disables the on-board filter of the IS
J_SENSE1 [2]
It connects the IS pin of the device after the on-board filter to the banana connector of
the MB
J_SENSE2 [3]
It connects the IS pin of the device to the 1.2 kΩ sense resistor RIS and to the μIO
connectors
2.2
PROFET™ +2 12V motherboard V2.0
Figure 5 shows the block diagram of the PROFET™ +2 12V MB. It provides an overview of the locations of
jumpers and connectors.
INO
DEN
IS
DSEL0
IN2
IN3
IN1
DSEL1
OUT0
OUT1
OUT2
OUT3
PROFET™+2
Daughterboard
Out0
Out1
Out3
Out2
GND circuit
J_GND1
Device GND
IN0
DEN
IS
DSEL0
IN2
IN3
DSEL1
IN1
4k7
4k7
4k7
4k7
4k7
4k7
4k7
4k7
RAD
RIS_PROT
J_SENSE1
1
1
J_SENSE2
RIS
DZ
CSENSE
GND
Sense circuit
IS
IN0
DEN
DSEL0
IN1
1
uIO
TB
1
IS
IN0
DEN
DSEL0
IN1
IN2
IN3
DSEL1
µ
IO Connectors
GND
INO
DEN
IS
DSEL0
IN2
IN3
IN1
DSEL1
OUT0
OUT1
OUT2
OUT3
PROFET™+2
Daughterboard
Out0
Out1
Out3
Out2
GND circuit
J_GND1
Device GND
IN0
DEN
IS
DSEL0
IN2
IN3
DSEL1
IN1
4k7
4k7
4k7
4k7
4k7
4k7
4k7
4k7
RAD
RIS_PROT
J_SENSE1
1
1
J_SENSE2
RIS
DZ
CSENSE
GND
Sense circuit
IS
IN0
DEN
DSEL0
IN1
1
uIO
TB
1
IS
IN0
DEN
DSEL0
IN1
IN2
IN3
DSEL1
µ
IO Connectors
GND
Figure 5
Block diagram of the PROFET™ +2 12V MB V2.0
Customer evaluation kit description
PROFET™
2 Motherboards [MB]
Application note
6
Rev. 1.00
2021-05-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com