データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDS102FVF データシート(PDF) 2 Page - Holland Electronics

部品番号 BDS102FVF
部品情報  Vertical True Flex™ Filtered Splitters Model BDS100FVF Broadband Digital Splitter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLLAND [Holland Electronics]
ホームページ  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

BDS102FVF データシート(HTML) 2 Page - Holland Electronics

  BDS102FVF Datasheet HTML 1Page - Holland Electronics BDS102FVF Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
amphenolbroadband.com | ABS: 800-677-2288 | LATAM: 805-339-9060 | Toll Free: 800-628-4511
DS-65-0212 Rev. 1.0
Splitter Series with Built-in Filter
Model Number
BDS102FVF
BDS103FVF
Insertion Loss
Frequency(MHz)
In to Out
In to Out (with filter)
In to Out
In to Out (with filter)
dB Max/Min
5 - 13
3.5
4.8
6.0
9.6
16 - 43
3.6
40
5.8
50
54 - 400
3.7
4.8
5.5
9.6
401 - 750
3.9
4.0
5.5
9.5
751 - 1000
4.2
4.5
5.5
9.4
Isolation
Out to Out (with filter)
Out to Out
Out to Out (with filter)
dB Max/Min
5 - 13
30
20
25
16 - 43
45
12
60
54 - 400
28
20
30
401 - 750
25
25
30
751 - 1000
22
20
20
Return Loss
In / Out
Out (with filter)
In / RF
DATA
dB Max/Min
5 - 13
20
15
20/18
20
54 - 400
18
15
20
20
401 - 750
18
16
20
20
751 - 1000
18
16
20
20
Data Plus
™ VOIP/Cable Modem Splitter Series Filtered
Model Number
BDS104FVF
BDS108FVF
Insertion Loss
In to RF
In to Data
In to RF
In to Data
dB Max/Min
5 - 13
10.5
6.5
9.0
9.6
16 - 43
42
6.8
50
9.6
54 - 400
10.0
7.0
8.8
9.6
401 - 750
9.8
7.2
8.8
9.5
751 - 1000
10.5
7.6
9.0
9.4
Isolation
RF to RF
Data to RF
RF to RF
Data to RF
dB Max/Min
5 - 13
20
25
25
30
16 - 43
12
60
12
65
54 - 400
25
30
25
30
401 - 750
25
30
25
30
751 - 1000
20
25
20
30
Return Loss
In / RF
DATA
In / RF
DATA
dB Max/Min
5 - 13
20/16
18
20/18
20
54 - 400
18
18
20
20
401 - 750
19
19
20
20
751 - 1000
20
20
20
20
Additional Info:
Specifications
Vertical True Flex™ Filtered Splitters Model BDS100FVF Series
Customers are reminded they are SOLELY responsible for confirming that all products are
properly installed and used in accordance with codes and regulations.



Html Pages

1 2