| データシートサーチシステム |
|
M25P10-AVMP6 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMP6 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 41 page ![]() M25P10-A 32/41 Table 15. AC Characteristics (25MHz Operation) Note: 1. tCH + tCL must be greater than or equal to 1/ fC 2. Value guaranteed by characterization, not 100% tested in production. 3. Expressed as a slew-rate. 4. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1. Test conditions specified in Table 10. and Table 11. Symbol Alt. Parameter Min. Typ. Max. Unit fC fC Clock Frequency for the following instructions: FAST_READ, PP, SE, BE, DP, RES, WREN, WRDI, RDSR, WRSR D.C. 25 MHz fR Clock Frequency for READ instructions D.C. 20 MHz tCH (1) tCLH Clock High Time 18 ns tCL (1) tCLL Clock Low Time 18 ns tCLCH (2) Clock Rise Time3 (peak to peak) 0.1 V/ns tCHCL (2) Clock Fall Time3 (peak to peak) 0.1 V/ns tSLCH tCSS S Active Setup Time (relative to C) 10 ns tCHSL S Not Active Hold Time (relative to C) 10 ns tDVCH tDSU Data In Setup Time 5 ns tCHDX tDH Data In Hold Time 5 ns tCHSH S Active Hold Time (relative to C) 10 ns tSHCH S Not Active Setup Time (relative to C) 10 ns tSHSL tCSH S Deselect Time 100 ns tSHQZ (2) tDIS Output Disable Time 15 ns tCLQV tV Clock Low to Output Valid 15 ns tCLQX tHO Output Hold Time 0 ns tHLCH HOLD Setup Time (relative to C) 10 ns tCHHH HOLD Hold Time (relative to C) 10 ns tHHCH HOLD Setup Time (relative to C) 10 ns tCHHL HOLD Hold Time (relative to C) 10 ns tHHQX (2) tLZ HOLD to Output Low-Z 15 ns tHLQZ (2) tHZ HOLD to Output High-Z 20 ns tWHSL (4) Write Protect Setup Time 20 ns tSHWL (4) Write Protect Hold Time 100 ns tDP (2) S High to Deep Power-down Mode 3 µs tRES1 (2) S High to Standby Mode without Electronic Signature Read 3 µs tRES2 (2) S High to Standby Mode with Electronic Signature Read 1.8 µs |