| データシートサーチシステム |
|
M25P10-AVMP6P データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMP6P データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 41 page ![]() M25P10-A 30/41 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 10. Operating Conditions Table 11. AC Measurement Conditions Note: 1. Output Hi-Z is defined as the point where data out is no longer driven. Figure 22. AC Measurement I/O Waveform Table 12. Capacitance Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 20 MHz. Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.7 3.6 V TA Ambient Operating Temperature –40 85 °C Symbol Parameter Min. Max. Unit CL Load Capacitance 30 pF Input Rise and Fall Times 5 ns Input Pulse Voltages 0.2VCC to 0.8VCC V Input Timing Reference Voltages 0.3VCC to 0.7VCC V Output Timing Reference Voltages VCC / 2 V Symbol Parameter Test Condition Min. Max. Unit COUT Output Capacitance (Q) VOUT = 0V 8 pF CIN Input Capacitance (other pins) VIN = 0V 6 pF AI07455 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels 0.5VCC |