データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD3932 データシート(PDF) 11 Page - STMicroelectronics

部品番号 SD3932
部品情報  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3932 データシート(HTML) 11 Page - STMicroelectronics

Back Button SD3932 Datasheet HTML 6Page - STMicroelectronics SD3932 Datasheet HTML 7Page - STMicroelectronics SD3932 Datasheet HTML 8Page - STMicroelectronics SD3932 Datasheet HTML 9Page - STMicroelectronics SD3932 Datasheet HTML 10Page - STMicroelectronics SD3932 Datasheet HTML 11Page - STMicroelectronics SD3932 Datasheet HTML 12Page - STMicroelectronics SD3932 Datasheet HTML 13Page - STMicroelectronics SD3932 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SD3932
Package mechanical data
11/14
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14