データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP4H06LI データシート(PDF) 2 Page - A POWER MICROELECTRONICS

部品番号 AP4H06LI
部品情報  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APME [A POWER MICROELECTRONICS]
ホームページ  
Logo APME - A POWER MICROELECTRONICS

AP4H06LI データシート(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4H06LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4H06LI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP4H06LI
60V N+N-Channel Enhancement Mode MOSFET
AP4H06LI RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TA=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
60
66
V
IDSS
Zero Gate Voltage Drain Current
VDS=60V,VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=±10V, VDS=0V
±50
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.9
1.3
2.0
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=3A
62
85
mΩ
VGS=4.5V, ID=2A
85
120
Ciss
Input Capacitance
VDS=10V,VGS=0V,f=1MHZ
409
pF
Coss
Output Capacitance
50
pF
Crss
Reverse Transfer Capacitance
41
pF
Qg
Total Gate Charge
VGS=10V,VDS=30V,ID=3A
10.27
nC
Qgs
Gate-Source Charge
1.65
nC
Qgd
Gate-Drain Charge
2.11
nC
Qrr
Reverse Recovery Chrage
IF=3A, di/dt=100A/us
6.99
nC
trr
Reverse Recovery Time
32.6
ns
tD(on)
Turn-on Delay Time
VGS=10V, VDS=30V,
RL=20Ω
RGEN=3Ω
3.6
ns
tr
Turn-on Rise Time
17.6
ns
tD(off)
Turn-off Delay Time
13
ns
tf
Turn-off fall Time
23
ns
VSD
Diode Forward Voltage
IS=4A,VGS=0V
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com