| データシートサーチシステム |
|
MPC8309CVMAGDC データシート(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMAGDC データシート(HTML) 55 Page - NXP Semiconductors |
|
55 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 Freescale Semiconductor 55 Package and Pin Listings MEMC_MDQ29 D2 IO GVDD — MEMC_MDQ30 C2 IO GVDD — MEMC_MDQ31 C1 IO GVDD — MEMC_MECC0 Y5 IO GVDD — MEMC_MECC1 AA4 IO GVDD — MEMC_MECC2 Y4 IO GVDD — MEMC_MECC3 AA3 IO GVDD — MEMC_MECC4 AC2 IO GVDD — MEMC_MECC5 AB2 IO GVDD — MEMC_MECC6 Y3 IO GVDD — MEMC_MECC7 AB1 IO GVDD — MEMC_MDM0 W1 O GVDD — MEMC_MDM1 E1 O GVDD — MEMC_MDM2 V3 O GVDD — MEMC_MDM3 D1 O GVDD — MEMC_MDM8 W5 O GVDD — MEMC_MDQS0 T5 IO GVDD — MEMC_MDQS1 H5 IO GVDD — MEMC_MDQS2 P5 IO GVDD — MEMC_MDQS3 E5 IO GVDD - MEMC_MDQS8 V5 IO GVDD - MEMC_MBA0 K2 O GVDD - MEMC_MBA1 K3 O GVDD - MEMC_MBA2 N5 O GVDD - MEMC_MA0 L3 O GVDD - MEMC_MA1 L5 O GVDD - MEMC_MA2 L2 O GVDD - MEMC_MA3 L1 O GVDD - MEMC_MA4 M3 O GVDD - MEMC_MA5 M4 O GVDD - MEMC_MA6 M1 O GVDD - MEMC_MA7 N1 O GVDD - MEMC_MA8 N2 O GVDD - MEMC_MA9 N3 O GVDD - MEMC_MA10 L4 O GVDD - MEMC_MA11 P2 O GVDD - MEMC_MA12 N4 O GVDD - |