| データシートサーチシステム |
|
MPC8309CVMADFC データシート(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMADFC データシート(HTML) 58 Page - NXP Semiconductors |
|
58 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 58 Freescale Semiconductor Package and Pin Listings SPIMISO E16 IO OVDD - SPICLK E17 IO OVDD - SPISEL A19 I OVDD - SPISEL_BOOT_B D18 OVDD - JTAG TCK A2 I OVDD - TDI C5 I OVDD 2 TDO A3 O OVDD - TMS D7 I OVDD 2 TRST_B E9 I OVDD 2 Test Interface TEST_MODE C6 I OVDD - System Control Signals HRESET_B W23 IO OVDD 1 PORESET_B W22 I OVDD - Clock Interface QE_CLK_IN R22 I OVDD - SYS_CLK_IN R23 I OVDD - SYS_XTAL_IN P23 I OVDD - SYS_XTAL_OUT P19 O OVDD - PCI_SYNC_IN T23 I OVDD - PCI_SYNC_OUT R20 O OVDD - CFG_CLKIN_DIV_B U23 I OVDD - RTC_PIT_CLOCK V23 I Miscellaneous Signals QUIESCE_B D6 O OVDD - THERM0 E8 OVDD - GPIO GPIO_0/SD_CLK/MSRCID0 (DDR ID) E4 IO OVDD - GPIO_1/SD_CMD/MSRCID1 (DDR ID) E6 IO OVDD - GPIO_2/SD_CD/MSRCID2 (DDR ID) D3 IO OVDD - GPIO_3/SD_WP/MSRCID3 (DDR ID) E7 IO OVDD - GPIO_4/SD_DAT0/MSRCID4 (DDR ID) D4 IO OVDD - GPIO_5/SD_DAT1/MDVAL (DDR ID) C4 IO OVDD - GPIO_6/SD_DAT2/QE_EXT_REQ_3 B2 IO OVDD - GPIO_7/SD_DAT3/QE_EXT_REQ_1 B3 IO OVDD - GPIO_8/RXCAN1/LSRCID0/LCS_B4 C16 IO OVDD - |