| データシートサーチシステム |
|
M25P40-VMP6TG データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P40-VMP6TG データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 40 page ![]() 29/40 M25P40 DC AND AC PARAMETERS This section summarizes the operating and mea- surement conditions, and the DC and AC charac- teristics of the device. The parameters in the DC and AC Characteristic tables that follow are de- rived from tests performed under the Measure- ment Conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parame- ters. Table 9. Operating Conditions Table 10. Data Retention and Endurance Note: 1. This is preliminary data Table 11. Capacitance Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 20MHz. Symbol Parameter Min. Max. Unit VCC Supply Voltage 2.7 3.6 V TA Ambient Operating Temperature (Device Grade 6) –40 85 °C Ambient Operating Temperature (Device Grade 3) –40 125 Parameter Condition Min. Max. Unit Erase/Program Cycles Device Grade 6 100 000 cycles per sector Device Grade 3 1 10 000 Data Retention Device Grade 6 20 years Device Grade 3 1 (at 85°C) 20 Symbol Parameter Test Condition Min. Max. Unit COUT Output Capacitance (Q) VOUT = 0V 8 pF CIN Input Capacitance (other pins) VIN = 0V 6 pF |