データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF80AB データシート(PDF) 40 Page - STMicroelectronics

部品番号 LF80AB
部品情報  Very low drop voltage regulators with inhibit
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF80AB データシート(HTML) 40 Page - STMicroelectronics

Back Button LF80AB Datasheet HTML 36Page - STMicroelectronics LF80AB Datasheet HTML 37Page - STMicroelectronics LF80AB Datasheet HTML 38Page - STMicroelectronics LF80AB Datasheet HTML 39Page - STMicroelectronics LF80AB Datasheet HTML 40Page - STMicroelectronics LF80AB Datasheet HTML 41Page - STMicroelectronics LF80AB Datasheet HTML 42Page - STMicroelectronics LF80AB Datasheet HTML 43Page - STMicroelectronics LF80AB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Package mechanical data
LFxxAB - LFxxC
40/49
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49