| データシートサーチシステム |
|
LE52ABDTR データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE52ABDTR データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 27 page ![]() LE00AB/C SERIES 15/27 Table 26: Electrical Characteristics For LE52AB (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Table 27: Electrical Characteristics For LE52C (refer to the test circuits, Tj = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 7.2 V 5.148 5.2 5.252 V IO = 10 mA, VI = 7.2 V, Ta = -25 to 85°C 5.096 5.304 VI Operating Input Voltage IO = 100 mA 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 5.9 to 18 V, IO = 0.5 mA 4 20 mV ∆V O Load Regulation VI = 6.2 V IO = 0.5 to 100 mA 3 15 mV Id Quiescent Current VI = 6.2 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 6.2 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 7.2 ± 1 V f = 120 Hz 76 dB f = 1 KHz 71 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA 0.2 0.4 V IO = 100 mA Ta = -40 to 125°C 0.5 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 10 mA, VI = 7.2 V 5.096 5.2 5.304 V IO = 10 mA, VI = 7.2 V, Ta = -25 to 85°C 4.992 5.408 VI Operating Input Voltage IO = 100 mA 18 V IO Output Current Limit 150 mA ∆V O Line Regulation VI = 5.9 to 18 V, IO = 0.5 mA 4 30 mV ∆V O Load Regulation VI = 6.2 V IO = 0.5 to 100 mA 3 25 mV Id Quiescent Current VI = 6.2 to 18V, IO = 0mA ON MODE 0.5 1 mA VI = 6.2 to 18V, IO = 100mA 1.5 3 VI = 6 V OFF MODE 50 100 µA SVR Supply Voltage Rejection IO = 5 mA VI = 7.2 ± 1 V f = 120 Hz 76 dB f = 1 KHz 71 f = 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 100 mA 0.2 0.4 V IO = 100 mA Ta = -40 to 125°C 0.5 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI = 6 V, VC = 6 V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF |