| データシートサーチシステム |
|
USB2513 データシート(PDF) 44 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2513 データシート(HTML) 44 Page - SMSC Corporation |
|
44 / 48 page ![]() USB 2.0 High-Speed 3-Port Hub Controller Datasheet Revision 1.98 (11-19-07) 44 SMSC USB2513 DATASHEET Note 5.1 Output leakage is measured with the current pins in high impedance. Note 5.2 See USB 2.0 Specification for USB DC electrical characteristics. IO-U (Note 5.2) Supply Current Unconfigured High-Speed Host Full-Speed Host ICCINTHS ICCINITFS 95 80 105 90 mA mA Supply Current Configured (High-Speed Host) 1 Port HS, 1 Port LS/FS 2 Ports @ LS/FS 2 Ports @ HS 3 Ports @ HS IHCH1C1 IHCC2 IHCH2 IHCH3 150 140 155 160 160 150 250 260 mA mA mA mA All supplies combined Supply Current Configured (Full-Speed Host) 1 Port 2 Ports 3 Ports IFCC1 IFCC2 IFCC3 125 125 125 135 135 135 mA mA mA All supplies combined Supply Current Suspend ICSBY 310 420 μA All supplies combined Supply Current Reset ICRST 100 230 μA All supplies combined Table 5.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |