データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VD6725SW データシート(PDF) 2 Page - STMicroelectronics

部品番号 VD6725SW
部品情報  2 megapixel, 1/5 inch system-on-chip imaging sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6725SW データシート(HTML) 2 Page - STMicroelectronics

  VD6725SW Datasheet HTML 1Page - STMicroelectronics VD6725SW Datasheet HTML 2Page - STMicroelectronics VD6725SW Datasheet HTML 3Page - STMicroelectronics VD6725SW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
VD6725
2/4
1
Overview
Figure 1.
VD6725 block diagram
Wafer level package: TSV (through-silicon via)
The wafer-level package, TSV (through-silicon via) technology, is used to design smaller
camera modules, improve the assembly yield and lower costs. The VD6725 is available in
ST’s revolutionary TSV package:
●
Ultra-scaled down camera module size
●
No wire bonding inside the camera module: save up to 1.6 mm in X and Y
●
No substrate in the module: directly reflowable, on phone mother board or flex-attach
●
Up to 400 µm saved in module Z height
●
No leads on the package sides for an increased reliability and ESD protection
2
Ordering information
Table 1.
Ordering information
Order code
Description
VD6725/SW
Tested, sawn dice on reconstructed wafer.



Html Pages

1 2 3 4