| データシートサーチシステム |
|
TMS320DM640 データシート(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM640 データシート(HTML) 63 Page - Texas Instruments |
|
63 / 179 page ![]() Pin Assignments 63 June 2003 − Revised October 2005 SPRS222E Table 1−6. Terminal Functions (Continued) SIGNAL DESCRIPTION IPD/ IPU‡ TYPE† NAME DESCRIPTION IPD/ IPU‡ TYPE† DM640 DM641 GROUND PINS (CONTINUED) AF9 AF9 AF11 AF11 AF13 AF13 VSS AF15 AF15 GND Ground pins SS AF19 AF19 p AF22 AF22 AF26 AF26 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-kΩ resistor should be used.) |