| データシートサーチシステム |
|
TLE2142ACDRG4 データシート(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2142ACDRG4 データシート(HTML) 56 Page - Texas Instruments |
|
56 / 72 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 56 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input offset voltage nulling The TLE2141 series offers external null pins that can be used to further reduce the input offset voltage. If this feature is desired, connect the circuit of Figure 37 as shown. If external nulling is not needed, the null pins may be left unconnected. + − OUT IN + IN − 3 2 6 1 5 OFFSET N1 OFFSET N2 5 k Ω 1 k Ω VCC − (split supply) GND (single supply) Figure 37. Input Offset Voltage Null Circuit |