データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7LITEU05 データシート(PDF) 78 Page - STMicroelectronics

部品番号 ST7LITEU05
部品情報  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU05 データシート(HTML) 78 Page - STMicroelectronics

Back Button ST7LITEU05 Datasheet HTML 74Page - STMicroelectronics ST7LITEU05 Datasheet HTML 75Page - STMicroelectronics ST7LITEU05 Datasheet HTML 76Page - STMicroelectronics ST7LITEU05 Datasheet HTML 77Page - STMicroelectronics ST7LITEU05 Datasheet HTML 78Page - STMicroelectronics ST7LITEU05 Datasheet HTML 79Page - STMicroelectronics ST7LITEU05 Datasheet HTML 80Page - STMicroelectronics ST7LITEU05 Datasheet HTML 81Page - STMicroelectronics ST7LITEU05 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 115 page
background image
ST7LITEU05 ST7LITEU09
78/115
OPERATING CONDITIONS (Cont’d)
13.3.4 Voltage drop between AVD flag set and LVD reset generation
Note:
1. Not tested in production, guaranteed by characterization.
Parameter
Min 1)
Typ 1)
Max 1)
Unit
AVD med. Threshold - AVD low. threshold
800
850
950
mV
AVD high. Threshold - AVD low threshold
1400
1450
1550
AVD high. Threshold - AVD med. threshold
600
650
750
AVD low Threshold - LVD low threshold
100
200
250
AVD med. Threshold - LVD low threshold
950
1050
1150
AVD med. Threshold - LVD med. threshold
250
300
400
AVD high. Threshold - LVD low threshold
1600
1700
1800
AVD high. Threshold - LVD med. threshold
900
1000
1050
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More