| データシートサーチシステム |
|
4525DO-MM3A0100G データシート(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
4525DO-MM3A0100G データシート(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 19 page ![]() MS4525DO SENSOR SOLUTIONS /// MS4525DO 04/2019 Page 3 ABSOLUTE MAXIMUM RATINGS Parameter Conditions Min Max Unit Notes Supply Voltage TA = 25 °C 2.7 5.5 V Output Current TA = 25°C 3 mA Storage Temperature -40 +125 °C Humidity TA = 25°C 95 %RH Non Condensing Overpressure TA = 25 °C, both Ports Not to Exceed 300 psi Burst Pressure TA = 25 °C, Port 1 psi See Table 1 ESD HBM -4 +4 kV EN 61000-4-2 Solder Temperature 250°C, 5 sec max. TABLE 1- BURST PRESSURE BY RANGE AND PACKAGE STYLE ENVIRONMENTAL SPECIFICATIONS Range DS SS, TP, MM Unit 001 20 20 psi 002 20 20 psi 005 15 20 psi 015 45 90 psi 030 90 200 psi 050 150 300 psi 100 300 300 psi 150 300 300 psi Parameter Conditions Mechanical Shock Mil Spec 202F, Method 213B, Condition C, 3 Drops Mechanical Vibration Mil Spec 202F, Method 214A, Condition 1E, 1Hr Each Axis Thermal Shock 100 Cycles over Storage Temperature, 30 minute dwell Life 1 Million FS Cycles MTTF >10Yrs, 70 ºC, 1.188 Million Pressure Cycles, 120%FS Pressure |