| データシートサーチシステム |
|
SAP51D-A-G1-R データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP51D-A-G1-R データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 49 January 28, 2016 Figure 5.7 Safety Mode Data Processing D2* F-D2* D0* Inverting, Offset1, Delay Inverting, Offset2, Delay F-D0* swap_flag I2 AS-interface communication I0 I3 I1 D1* D3* Offset2 F-D3* Offset1 SAP5 F-D1* Information stored in the EEPROM The special input ports F-D0* and F-D2* act as 3-level-input pins in Safety Mode. In order to ensure proper decoding of input data, the voltages must satisfy requirements as specified in below Figure 5.8 and in Table 5.5. |