データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC503UHR1-30P-A-00AGA データシート(PDF) 5 Page - Cree, Inc

部品番号 LC503UHR1-30P-A-00AGA
部品情報  5-mm Round LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-00AGA データシート(HTML) 5 Page - Cree, Inc

  LC503UHR1-30P-A-00AGA Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-00AGA Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT038.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/ledlamps
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:
* Contact your Cree sales representative for ordering information.
Standard Available Kits*
Kit Number
Description
LC503UHR1-30Q-A-00001
5mm Round 30 Red, Full Rank, Bulk Pack
* Please contact your Cree representative about the availability of non-standard kits.
aaaaaaaaa-aaa-aa- x x x x x
Wd/Color
1: Full-color distribution
2~9, A~Z . . . : special request *
I
V
0: Full luminous intensity distribution
1~9, A~Z . . . :special request *
V
F
0: Full forward voltage distribution
1~9, A~Z . . . : special request *
Packing type
0: Standard = Bulk pack
1~9, A~Z . . . : special request *
Standard/Custom
0: Standard
C: Custom
Product P/N



Html Pages

1 2 3 4 5