| データシートサーチシステム |
|
PCF85263ATT/A データシート(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATT/A データシート(HTML) 42 Page - NXP Semiconductors |
|
42 / 92 page ![]() NXP Semiconductors PCF85263A Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus Due to the nature of the power switch circuit there is a switching hysteresis (see Figure 24 and Table 67). VDD increasing VDD decreasing switching point hysteresis VDD t battery operation switch to battery switch to VDD VDD operation VDD operation Vth(low) Vth(high) max typ min RTC power supply aaa-010665 Figure 24. Threshold voltage switching hysteresis 7.11.3.1 Switching at the Vth level, BSM[1:0] = 00 aaa-010423 internal power supply cleared via interface BSF Vth VDD (= 0 V) VBAT VDD INTA battery mode indication interface active interface inactive interface active I2C Figure 25. Switching at Vth PCF85263A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 5 — 1 February 2021 42 / 92 |