データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OT 20/220...240/24 データシート(PDF) 9 Page - Intelligent LED Solutions

部品番号 OT 20/220...240/24
部品情報  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILS [Intelligent LED Solutions]
ホームページ  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 20/220...240/24 データシート(HTML) 9 Page - Intelligent LED Solutions

Back Button OT 20/220...240/24 Datasheet HTML 3Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 4Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 5Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 6Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 7Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 8Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 9Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 10Page - Intelligent LED Solutions OT 20/220...240/24 Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
9 of 11
ASSEMBLY INFORMATION
» The mounting of the PowerFlex DURIS E5 flexible has to be on a metal Heatsink.
» In order to optimise the thermal management, the metal surface needs to be clean (dirt and oil free) and planar for the best contact
with the LED module. A thermal grease or heat transfer material is highly recommended.
IMPORTANT INFORMATION AND PRECAUTIONS
The PowerFlex LEDs, when powered up, are very bright.
Thus it is advised that you do not look directly at them. Turn
the PowerFlex product away from you and do not shine into
the eyes of others.
PowerFlex will overheat in operation if not attached to
a suitable Heatsink. Over heating can cause failure or
irreparable damage.
PowerFlex products, when operated, can reach high
temperatures, thus there is a risk of injury if they are
touched.
DO NOT HOT PLUG ON LED SIDE OF POWER SUPPLY
DO NOT TOUCH or PUSH on the LED as this might cause
irreparable damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11