データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OT 100/220...240/24 DIM P データシート(PDF) 4 Page - Intelligent LED Solutions

部品番号 OT 100/220...240/24 DIM P
部品情報  OSRAM High Bright PowerFlex LED Strips 7.5mm LED Pitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILS [Intelligent LED Solutions]
ホームページ  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

OT 100/220...240/24 DIM P データシート(HTML) 4 Page - Intelligent LED Solutions

  OT 100/220...240/24 DIM P Datasheet HTML 1Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 2Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 3Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 4Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 5Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 6Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 7Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 8Page - Intelligent LED Solutions OT 100/220...240/24 DIM P Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© IGS Version V5
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
4 of 11
Lenses and Reflectors
LEDiL precision-engineered Lenses and Reflectors allow
for rapid deployment of all types of light fixtures, including
street lights, wall-wash, high-bay, sconces, emergency
beacons, parking garage/low-bay, MR and AR downlights,
and dock lights. Precision-engineered for maximum
efficiency and durability, LEDiL Lenses and Reflectors
are released alongside the latest product
releases from our LED suppliers. Visit our
website for a full range.
Heatsinks
ILS has a series of Aluminium Alloy Heatsinks to be used
with our standard range of PowerFlex.These Heatsinks are
supplied with end caps, mounting brackets and 2 diffusers
- clear or diffused. ILS is continually expanding its Heatsink
range and we are equally happy to manufacture
custom Heatsinks upon your request. Suitable
options on page 8 or visit our website for a full
range.
Power Supplies
ILS has a comprehensive range of standard
Power Supplies. The table below shows the total
number of ILS products each Power Supply can drive.
Additional Power Supplies are being introduced so please
call us or check our website for the latest offering. Suitable
options on page 7
Thermal Interface Material (TIM)
ILS have produced a range of High-performance,
cost effective Thermal Interface Materials to match
perfectly their standard products. Our product fills the air
pockets between the two surfaces, forming a continuous
layer to conduct heat away from the LED to the Heatsink.
These strips have 3M thermal tape already attached for
perfect thermal bonding.
ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11