| データシートサーチシステム |
|
OT 130/220...240/24 DIM P データシート(PDF) 3 Page - Intelligent LED Solutions |
|
|
|||||||||||||||||||||||||||||
OT 130/220...240/24 DIM P データシート(HTML) 3 Page - Intelligent LED Solutions |
|
3 / 11 page ![]() © IGS Version V5 +44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW A division of Intelligent Group Solutions Ltd 3 of 11 PRODUCT OPTIONS ILS Part Number Colour Colour Temp* (Degrees Kelvin) Typical Power W § Drive Voltage Flux † per 3240mm reel Radiance Angle Relevant OSRAM LED Data per 3240mm per 45mm cut ILX-E507-WM10-3240-SD201 Warm White (3000K) 70.00W 0.96W 24V 8064lm 120˚ (±60°) GWJDSH / GWJTLMS1 ILX-E507-NW10-3240-SD201 Neutral White (4000K) 70.00W 0.96W 24V 8064lm 120˚ (±60°) GWJDSH / GWJTLMS1 ILX-E507-WM10-3240-SD211 Warm White (3000K) 104.00W 1.44W 24V 11200lm 120˚ (±60°) GWJDSH / GWJTLMS1 ILX-E507-NW10-3240-SD211 Neutral White (4000K) 104.00W 1.44W 24V 11200lm 120˚ (±60°) GGWJDSH / GWJTLMS1 ILX-E507-SW10-3240-SD201 Street White (5500K) 70.00W 0.96W 24V 8064lm 120˚ (±60°) GWJDSH / GWJTLMS1 ILX-E507-SW10-3240-SD211 Street White (5500K) 104.00W 1.44W 24V 11200lm 120˚ (±60°) GWJDSH / GWJTLMS1 *Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect statistical figures and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data. § Tolerance +/- 10% † Measured with 20mS 350mA pulse at 25˚C MINIMUM AND MAXIMUM RATINGS ILS Part Number Operating Temperature at Tc-Point [˚C]* Storage Temperature [˚C]* Forward Current per chip [mA]* Reverse Voltage [Vdc]* ILX-E507-WM10-3240-SD201. 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage ILX-E507-NW10-3240-SD201. 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage ILX-E507-WM10-3240-SD211. 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage ILX-E507-NW10-3240-SD211 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage ILX-E507-SW10-3240-SD201. 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage ILX-E507-SW10-3240-SD211. 70°C max - 40 to 110˚C 24V max Not designed for reverse voltage * Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED module. Exceeding maximum ratings for operating voltage will cause hazardous overload and is likely to destroy the LED module. The temperature of the LED module must be measured at the Tc-Point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. |