データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2-RK データシート(PDF) 4 Page - TEKTRONIX, INC.

部品番号 2-RK
部品情報  2 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEKTRONIX [TEKTRONIX, INC.]
ホームページ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2-RK データシート(HTML) 4 Page - TEKTRONIX, INC.

  2-RK Datasheet HTML 1Page - TEKTRONIX, INC. 2-RK Datasheet HTML 2Page - TEKTRONIX, INC. 2-RK Datasheet HTML 3Page - TEKTRONIX, INC. 2-RK Datasheet HTML 4Page - TEKTRONIX, INC. 2-RK Datasheet HTML 5Page - TEKTRONIX, INC. 2-RK Datasheet HTML 6Page - TEKTRONIX, INC. 2-RK Datasheet HTML 7Page - TEKTRONIX, INC. 2-RK Datasheet HTML 8Page - TEKTRONIX, INC. 2-RK Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
• Drag waveforms left/right or up/down to adjust horizontal and
vertical position or to pan a zoomed view
• Pinch and expand to change scale or zoom in/out in either
horizontal or vertical directions
• Swipe in from the right to reveal the results bar or down from the
top to access the menus in the upper left corner of the display
Interact with the capacitive touch display
The simplified front panel retains critical buttons and knobs with color-
coded LED ring lights allowing quick access and easy adjustment of the
most frequently used instrument settings.
The membrane switch technology makes it rugged and suitable for use
in harsh environments and easy to clean.
Simplified and intuitive front panel with color coded LED’s
The combination of a streamlined front panel with an intuitive touch
interface makes it easy for any new engineer to self-discover and begin
using the instrument.
An USB mouse and/or a keyboard is also supported and can be used
as a third interaction method with the instrument.
2 Series MSO Datasheet
www.tek.com 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30