| データシートサーチシステム |
|
ESW109M010AM4 データシート(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
ESW109M010AM4 データシート(HTML) 2 Page - Kemet Corporation |
|
2 / 22 page ![]() 2 © KEMET Electronics Corporation • One East Broward Boulevard A4009_ESW • 8/29/2023 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com Radial Aluminum Electrolytic Capacitors – ESW, +105°C Ordering Options Table Diameter Length Packaging Type Lead Type Lead Length (mm) Lead and Packaging Code Standard Bulk Packaging Options 4 – 22 All Bulk (bag) Straight 20/15 Minimum AA Tape & Reel 4 – 5 All Tape & Reel Formed to 2.5 mm H 0 = 16 ±0.75 LA 4 – 8 All Tape & Reel 2.5 mm lead spacing H 0 = 18.5 ±0.75 KA 4 – 8 All Tape & Reel Formed to 5 mm H 0 = 16 ±0.75 JA 10 ≤ 20 Tape & Reel Straight H 0 = 18.5 ±0.75 KA Ammo Pack 4 – 8 All Ammo Formed to 5 mm H 0 = 16 ±0.75 DA 4 – 8 All Ammo Straight H 0 = 18.5 ±0.75 EA 4 – 5 All Ammo Formed to 2.5 mm H 0 = 16 ±0.75 FA 10 – 13 All Ammo 5 mm lead spacing H 0 = 18.5 ±0.75 EA 16 All Ammo 7.5 mm lead spacing H 0 = 18.5 ±0.75 EA 18 ≤ 25 Ammo 7.5 mm lead spacing H 0 = 18.5 ±0.75 EA Contact KEMET for other lead and packaging options Environmental Compliance As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers’ obligations to guarantee their products and fulfill these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and make any necessary changes in its products, whenever needed. Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible capacitors. Due to customer requirements, there may appear additional markings such as lead free (LF) or lead-free wires (LFW) on the label. |