| データシートサーチシステム |
|
NR-LAB2 データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
NR-LAB2 データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 6 page ![]() Overcoming Circuit Protection Challenges in Lithium Battery Cell Operated Electronics Komatsulite™ Mini-Breakers Application Note 12/15 • e/C1564 LC Series HC Series KCA Series NR-C Series NR-A Series In the consumer market, specific applications present additional circuit protection issues such as laptop personal computers, tablets, smartphones, and portable appliances such as vacuum cleaners. Electric bicycles, also called e-bikes, and controllers for automotive seats are additional examples of applications that may need an additional level of circuit protection to handle the overcurrent and overtemperature requirements of lithium battery cells. For instance, a Thermal Cut Off device or bi-metal switch on its own may not be able to effectively protect the batteries in these types of applications. A false trip could render a one-time fusing device inoperable, so a device with a reset mechanism is preferred. In such applications, a mini-breaker solution is a good option. Mini-breakers incorporate existing technology in such a way to enhance their protection capabilities. Mini-breakers put a bi-metal switch and PTC in parallel to deliver the best features of both. Since a PTC latches and does not have a mechanical contact, it offsets the bi-metal switch’s lack of latching providing a significant design advantage. Similarly, the bi- metal switch enhances the mini-breaker solution by providing a higher operating current. The temperature sensing capability and low resistance of the bi-metal switch are additional benefits gained by incorporating the mini-breaker into the hybrid device. With several temperatures available and 100 % in-line inspection of trip temperature, reset temperature, and impedance before shipping, Komatsulite™ mini-breakers offer reliable battery cell protection for multiple instances of overcurrent and overtemperature threats. Taking a look inside, Figure 1 illustrates that the mini-breaker is composed of a base terminal, PTC, bi-metal disc, base, arm terminal, arm, cover plate, contact, and cover. MINI-BREAKER TECHNOLOGY OVERVIEW Figure 1. Construction of the Komatsulite™ Mini-Breaker ARM TERMINAL COVER PLATE CONTACT COVER ARM BASE TERMINAL BASE AVAILABLE WITH AND WITHOUT PROJECTIONS. PROJECTION BIMETAL DISC PTC PROJECTION |