| データシートサーチシステム |
|
PI90SD1636CFDE データシート(PDF) 13 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI90SD1636CFDE データシート(HTML) 13 Page - Pericom Semiconductor Corporation |
|
13 / 15 page ![]() 13 PS8922A 11/08/07 PI90SD1636C SERDES Gigabit Ethernet Transceiver Appendix A Gigabit Ethernet Transceiver Pin Cross Reference Guide PI90SD1636C, VSC7123 and HDMP1636A/1646A Summary: Pericom Semiconductor’s PI90SD1636C is functionally pin compatible with Vitesse’s VSC7123 and Agilent’s HDMP-1636A/46A. Minor differences exist amongst the parts regarding the use of certain pins that are used by the manufacturer for internal tests, as is further clarified below. These differences will not affect plug compatibility during normal operations. 07-0253 |