| データシートサーチシステム |
|
DAC39RFS10 データシート(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC39RFS10 データシート(HTML) 35 Page - Texas Instruments |
|
35 / 232 page ![]() 6.6 Electrical Characteristics - AC Specifications (continued) Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply voltages, FCLK = 10.24GHz, 8b/10b encoding, IFS_SWITCH = 20.5mA, single tone amplitude = 0dBFS, SE DEM and Dither (DEM_ADJ = 1 below 750MHz and DEM_ADJ = 0 above 750MHz), 8b/10b encoding, unless otherwise noted. FDAC = FCLK in NRZ, RTZ and RF modes and FDAC = 2×FCLK in DES1X and DES2XL/H modes. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT HD3 3rd Harmonic Distortion in 0 - FDAC/2 fOUT = 97MHz –73 dBc fOUT = 997MHz –72 dBc fOUT = 1997MHz –63 dBc fOUT = 2997MHz –61 dBc fOUT = 3997MHz –60 dBc fOUT = 5997MHz –63 dBc fOUT = 6997MHz –57 dBc fOUT = 7997MHz –55 dBc fOUT = 8997MHz –53 dBc IMD3 Third-order two tone intermodulation distortion fOUT = 97 +/- 10MHz, -7dBFS/tone –90 dBc fOUT = 997 +/- 10MHz, -7dBFS/tone –77 dBc fOUT = 1997 +/- 10MHz, -7dBFS/tone –75 dBc fOUT = 2997 +/- 10MHz, -7dBFS/tone –69 dBc fOUT = 3997 +/- 10MHz, -7dBFS/tone –71 dBc fOUT = 5997 +/- 10MHz, -7dBFS/tone –63 dBc fOUT = 6997 +/- 10MHz, -7dBFS/tone –56 dBc fOUT = 7997 +/- 10MHz, -7dBFS/tone –62 dBc fOUT = 8997 +/- 10MHz, -7dBFS/tone –60 dBc NSD Noise spectral density, large signal, sinusoidal output(3) fOUT = 97MHz, 70MHz offset from fOUT –156 dBc/Hz fOUT = 997MHz, 70MHz offset from fOUT –154 dBc/Hz fOUT = 1997MHz, 70MHz offset from fOUT –152 dBc/Hz fOUT = 2997MHz, 70MHz offset from fOUT –150 dBc/Hz fOUT = 3997MHz, 70MHz offset from fOUT –149 dBc/Hz fOUT = 5997MHz, 70MHz offset from fOUT –146 dBc/Hz fOUT = 6997MHz, 70MHz offset from fOUT –146 dBc/Hz fOUT = 7997MHz, 70MHz offset from fOUT –146 dBc/Hz fOUT = 8997MHz, 70MHz offset from fOUT –143 dBc/Hz www.ti.com DAC39RF10-SP, DAC39RF10-SEP DAC39RFS10-SP, DAC39RFS10-SEP SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 35 Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP |