データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW81103ATR データシート(PDF) 50 Page - STMicroelectronics

部品番号 STW81103ATR
部品情報  Multi-band RF frequency synthesizer with integrated VCOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81103ATR データシート(HTML) 50 Page - STMicroelectronics

Back Button STW81103ATR Datasheet HTML 45Page - STMicroelectronics STW81103ATR Datasheet HTML 46Page - STMicroelectronics STW81103ATR Datasheet HTML 47Page - STMicroelectronics STW81103ATR Datasheet HTML 48Page - STMicroelectronics STW81103ATR Datasheet HTML 49Page - STMicroelectronics STW81103ATR Datasheet HTML 50Page - STMicroelectronics STW81103ATR Datasheet HTML 51Page - STMicroelectronics STW81103ATR Datasheet HTML 52Page - STMicroelectronics STW81103ATR Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Package mechanical data
STW81103
50/53
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages, which have a lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with
JEDEC standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: http://www.st.com.
Figure 40.
VFQFPN28 mechanical drawing
Note:
1
VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead.
(Very thin: A=1.00 Max)
2
Details of the terminal 1 identifier are optional, but if given, must be located on the top
surface of the package by using either a mold or marked features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53