| データシートサーチシステム |
|
THS9001DBVT データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
THS9001DBVT データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() www.ti.com ABSOLUTE MAXIMUM RATINGS DISSIPATION RATING TABLE RECOMMENDED OPERATING CONDITIONS THS9001 SLOS426B – NOVEMBER 2003 – REVISED JANUARY 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVAILABLE OPTIONS PACKAGED DEVICES(1) PACKAGE TYPE TRANSPORT MEDIA, QUANTITY THS9001DBVT Tape and Reel, 250 SOT-23-6 THS9001DBVR Tape and Reel, 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com. over operating free-air temperature (unless otherwise noted)(1) UNIT VSS Supply voltage, GND to VS 5.5 V VI Input voltage GND to VS Continuous power dissipation See Dissipation Ratings Table TJ Maximum junction temperature 150 °C TJ Maximum junction temperature, continuous operation, long term reliability (2) 125 °C Tstg Storage temperature -65 °C to 150°C HBM 2000 ESD Ratings CDM 1500 MM 100 (1) The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may result in reduced reliability and/or lifetime of the device. POWER RATING(1) Θ JC Θ JA PACKAGE ( °C/W) ( °C/W) TA≤ 25°C TA = 85°C DBV(2) 70.1 216 463 mW 185 mW (1) Power rating is determined with a junction temperature of 125 °C. Thermal management of the final PCB should strive to keep the junction temperature at or below 125 °C for best performance. (2) This data was taken using the JEDEC standard High-K test PCB. MIN NOM MAX UNIT VSS Supply voltage 2.7 5 V TA Operating free-air temperature, -40 85 °C IS Supply current 100 mA 2 Submit Documentation Feedback |