| データシートサーチシステム |
|
M29F080A-70M1T データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F080A-70M1T データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 21 page ![]() M29F080A 2/21 Figure 2. TSOP Connections A1 DQ1 DQ2 A10 A4 A2 A7 A6 A14 NC A17 A18 DQ7 A13 A19 A0 W DQ5 DQ3 VSS VCC DQ4 DQ6 A12 E RP A11 NC VCC AI00520B M29F080A 10 1 11 20 21 30 31 40 A3 A15 A16 G RB A8 A9 VSS DQ0 NC A5 Figure 3. SO Connections A2 A1 A0 A6 NC NC A3 A5 A4 A17 NC A18 A19 W A16 NC NC NC DQ6 DQ2 VSS VCC VSS DQ4 G A13 E NC A7 RP VCC A10 AI00521B M29F080A 8 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 DQ0 DQ1 A9 A8 RB DQ7 44 39 38 37 36 35 34 33 A15 A14 DQ3 21 DQ5 40 43 1 42 41 A11 A12 Table 1. Signal Names A0-A19 Address Inputs DQ0-DQ7 Data Inputs/Outputs E Chip Enable G Output Enable W Write Enable RP Reset/Block Temporary Unprotect RB Ready/Busy Output VCC Supply Voltage VSS Ground NC Not Connected Internally SUMMARY DESCRIPTION The M29F080A is an 8 Mbit (1Mb x8) non-volatile memory that can be read, erased and repro- grammed. These operations can be performed us- ing a single 5V supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM. The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. Blocks can be protected in groups to prevent accidental Program or Erase commands from modifying the memory. Program and Erase commands are written to the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are re- quired to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards. Chip Enable, Output Enable and Write Enable sig- nals control the bus operation of the memory. They allow simple connection to most micropro- cessors, often without additional logic. The memory is offered in a TSOP40 (10 x 20mm) and SO44 packages and it is supplied with all the bits erased (set to ’1’). |