| データシートサーチシステム |
|
M28W640ECT90N1 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT90N1 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 55 page ![]() M28W640ECT, M28W640ECB 24/55 Figure 9. Read AC Waveforms Table 16. Read AC Characteristics Note: 1. Sampled only, not 100% tested. 2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV. 3. To be characterized. Symbol Alt Parameter M28W640EC Unit 70 85 90 10 tAVAV tRC Address Valid to Next Address Valid Min 70(3) 85 90 100 ns tAVQV tACC Address Valid to Output Valid Max 70(3) 85 90 100 ns tAXQX (1) tOH Address Transition to Output Transition Min 0 0 0 0 ns tEHQX (1) tOH Chip Enable High to Output Transition Min 0 0 0 0 ns tEHQZ (1) tHZ Chip Enable High to Output Hi-Z Max 20 20 25 25 ns tELQV (2) tCE Chip Enable Low to Output Valid Max 70(3) 85 90 100 ns tELQX (1) tLZ Chip Enable Low to Output Transition Min 0 0 0 0 ns tGHQX (1) tOH Output Enable High to Output Transition Min 0 0 0 0 ns tGHQZ (1) tDF Output Enable High to Output Hi-Z Max 20 20 25 25 ns tGLQV (2) tOE Output Enable Low to Output Valid Max 20 20 30 30 ns tGLQX (1) tOLZ Output Enable Low to Output Transition Min 0 0 0 0 ns DQ0-DQ15 AI04387 VALID A0-A21 E tAXQX tAVAV VALID tAVQV tELQV tELQX tGLQV tGLQX ADDR. VALID CHIP ENABLE OUTPUTS ENABLED DATA VALID STANDBY G tGHQX tGHQZ tEHQX tEHQZ |