データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M29F200BT データシート(PDF) 21 Page - STMicroelectronics

部品番号 M29F200BT
部品情報  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F200BT データシート(HTML) 21 Page - STMicroelectronics

Back Button M29F200BT Datasheet HTML 14Page - STMicroelectronics M29F200BT Datasheet HTML 15Page - STMicroelectronics M29F200BT Datasheet HTML 16Page - STMicroelectronics M29F200BT Datasheet HTML 17Page - STMicroelectronics M29F200BT Datasheet HTML 18Page - STMicroelectronics M29F200BT Datasheet HTML 19Page - STMicroelectronics M29F200BT Datasheet HTML 20Page - STMicroelectronics M29F200BT Datasheet HTML 21Page - STMicroelectronics M29F200BT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
M29F200BT, M29F200BB
Figure 12. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Table 18. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.42
2.62
0.095
0.103
A1
0.22
0.23
0.009
0.010
A2
2.25
2.35
0.089
0.093
B
0.50
0.020
C
0.10
0.25
0.004
0.010
D
28.10
28.30
1.106
1.114
E
13.20
13.40
0.520
0.528
e
1.27
–
–
0.050
–
–
H
15.90
16.10
0.626
0.634
L
0.80
–
–
0.031
–
–
α
3
°
––
3
°
––
N44
44
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22