データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W640ECT90ZB6 データシート(PDF) 34 Page - STMicroelectronics

部品番号 M28W640ECT90ZB6
部品情報  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT90ZB6 データシート(HTML) 34 Page - STMicroelectronics

Back Button M28W640ECT90ZB6 Datasheet HTML 30Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 31Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 32Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 33Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 34Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 35Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 36Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 37Page - STMicroelectronics M28W640ECT90ZB6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
M28W640ECT, M28W640ECB
34/55
Table 23. Daisy Chain Ordering Scheme
Note:Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc...) or for further information on any aspect of this device, please contact
the ST Sales Office nearest to you.
Example:
M28W640EC
-ZB
T
Device Type
M28W640EC
Daisy Chain
-ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-Free Package, Standard Packing
F = Lead-Free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55