データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F101R6U6A データシート(PDF) 9 Page - STMicroelectronics

部品番号 STM32F101R6U6A
部品情報  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6U6A データシート(HTML) 9 Page - STMicroelectronics

Back Button STM32F101R6U6A Datasheet HTML 5Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 6Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 7Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 8Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 9Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 10Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 11Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 12Page - STMicroelectronics STM32F101R6U6A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
DocID15058 Rev 6
9/87
STM32F101x4, STM32F101x6
Introduction
86
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F101x4 and STM32F101x6 low-density access line microcontrollers. For more
details on the whole STMicroelectronics STM32F101xx family, please refer to Section 2.2:
Full compatibility throughout the family.
The Low-density STM32F101xx datasheet should be read in conjunction with the low-,
medium- and high-density STM32F10xxx reference manual.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming manual.
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex®-M3 core please refer to the Cortex®-M3 Technical Reference
Manual, available from the www.arm.com website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87