| データシートサーチシステム |
|
SMM0204000000DB0 データシート(PDF) 8 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SMM0204000000DB0 データシート(HTML) 8 Page - Vishay Siliconix |
|
8 / 12 page ![]() SMM0204 www.vishay.com Vishay Draloric Revision: 04-Dec-2025 8 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 FUNCTIONAL PERFORMANCE TESTS AND REQUIREMENTS All tests are carried out in accordance with the following specifications: EN 60115-1, generic specification EN 60115-8, sectional specification EN 140401-803, detail specification IEC 60068-2-xx, test methods The parameters stated in the Test Procedures and Requirements table are based on the required tests and permitted limits of EN 140401-803. The table presents only the most important tests, for the full test schedule refer to the documents listed above. However, some additional tests and a number of improvements against those minimum requirements have been included. The testing also covers most of the requirements specified by EIA/ECA-703 and JIS-C-5201-1. The tests are carried out under standard atmospheric conditions in accordance with IEC 60068-1, 4.3, whereupon the following values are applied: Temperature: 15 °C to 35 °C Relative humidity: 25 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar). A climatic category LCT / UCT / 56 is applied, defined by the lower category temperature (LCT), the upper category temperature (UCT), and the duration of exposure in the damp heat, steady state test (56 days). The components are mounted for testing on printed circuit boards in accordance with EN 60115-8, 2.4.2, unless otherwise specified. W 1000 100 10 1 0.1 10 s 1 s 100 ms 10 ms 1 ms 100 µs 10 µs 1 µs Continuous Pulse for R ≥ 10 Ω Pulse Duration t i Maximum pulse load, continuous pulse; applicable if P ≤ P (ϑamb) and U ≤ Umax.; for permissible resistance change ± (0.5 % R + 0.01 Ω) SMM0204 V 1000 Pulse Duration t i Pulse Voltage Maximum pulse voltage, single and continuous pulses; applicable if P ≤ Pmax.; for permissible resistance change ± (0.5 % R + 0.01 Ω) 100 10 s 1 s 100 ms 10 ms 1 ms 100 µs 1 µs 10 µs SMM0204 |