| データシートサーチシステム |
|
M29W017D データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W017D データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 36 page ![]() M29W017D 26/36 PART NUMBERING Table 14. Ordering Information Scheme Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the ST Sales Office nearest to you. REVISION HISTORY Table 15. Document Revision History Example: M29W017D 90 N 1 T Device Type M29 Operating Voltage W = VCC = 2.7 to 3.6V Device Function 017D = 16 Mbit (x8), Uniform Block Speed 70 = 70 ns 90 = 90 ns Package N = TSOP40: 10 x 20 mm ZA = TFBGA48: 0.80mm pitch Temperature Range 1 = 0 to 70 °C 6 = –40 to 85 °C Option T = Tape & Reel Packing Date Version Revision Details May-2001 -01 First Issue (Brief Data) 18-Jun-2001 -02 Document expanded to full Product Preview, TFBGA Package Mechanical changed. 26-Jul-2001 -03 Document type: from Product Preview to Preliminary Data 03-Dec-2001 -04 Block Protection Appendix added, Read/Reset operation during Erase Suspend clarified . 05-Apr-2002 -05 Description of Ready/Busy signal clarified (and Figure 13 modified) Clarified allowable commands during block erase Clarified the mode the device returns to in the CFI Read Query command section |