| データシートサーチシステム |
|
ST7FOXF1 データシート(PDF) 216 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXF1 データシート(HTML) 216 Page - STMicroelectronics |
|
216 / 226 page ![]() Device configuration and ordering information ST7FOXF1, ST7FOXK1, ST7FOXK2 216/226 13.4 ST7 application notes Table 95. Development tool order codes MCU Debugging and programming tool ST socket boards ST7FOXF1 ST7FOXK1 ST7FOXK2 STX-RLINK(1)(2), ST7-STICK(3)(4), STice emulator(5) 1. USB connection to PC. 2. Available from ST or from Raisonance, www.raisonance.com. 3. Add suffix /EU, /UK or /US for the power supply for your region. 4. Parallel port connection to PC. 5. Contact local ST sales office for sales types. SBX-SO20BE, SBX-DI8-20ZZ, SBX-DIP32CD, and SBX-QP32BC socket boards (3) Table 96. ST7 application notes Identification Description Application examples AN1658 Serial numbering implementation AN1720 managing the Read-Out Protection in Flash microcontrollers AN1755 A high resolution/precision thermometer using ST7 and NE555 AN1756 Choosing a DALI implementation strategy with ST7DALI AN1812 A high precision, low cost, single supply ADC for positive and negative input voltages Example drivers AN 969 SCI communication between ST7 and PC AN 970 SPI communication between ST7 and EEPROM AN 971 I²C communication between ST7 and M24Cxx EEPROM AN 972 ST7 software SPI master communication AN 973 SCI software communication with a PC using ST72251 16-bit timer AN 974 Real time clock with ST7 timer Output Compare AN 976 Driving a buzzer through ST7 timer PWM function AN 979 Driving an analog keyboard with the ST7 ADC AN 980 ST7 keypad decoding techniques, implementing wakeup on keystroke AN1017 Using the ST7 Universal Serial Bus microcontroller AN1041 Using ST7 PWM signal to generate analog output (sinusoïd) AN1042 ST7 routine for I²C Slave mode Management AN1044 Multiple interrupt sources management for ST7 MCUs AN1045 ST7 S/W implementation of I²C bus master |