データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KL47FDX データシート(PDF) 5 Page - APEM

部品番号 KL47FDX
部品情報  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEM [APEM]
ホームページ  www.apem.com
Logo APEM - APEM

KL47FDX データシート(HTML) 5 Page - APEM

  KL47FDX Datasheet HTML 1Page - APEM KL47FDX Datasheet HTML 2Page - APEM KL47FDX Datasheet HTML 3Page - APEM KL47FDX Datasheet HTML 4Page - APEM KL47FDX Datasheet HTML 5Page - APEM KL47FDX Datasheet HTML 6Page - APEM KL47FDX Datasheet HTML 7Page - APEM KL47FDX Datasheet HTML 8Page - APEM KL47FDX Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
10 TERMINAL VERSION
*Function 4 : single pole in double pole case
*Function 4 : single pole in double pole case
6 TERMINAL VERSION
FICHIER: CKL49DT6S
le 30/09/16
ECHELLE: 0.625
(.433)
11.00
25.00
(.984)
47.00
(1.850)
CKL49DT6S
FICHIER: CKL49DT10S
le 30/09/16
ECHELLE: 0.625
(.433)
11.00
U2282
25.00
(.984)
47.00
(1.850)
CKL49DT10S
Locking power rocker switches
KL series
FLAT SEAL
FLAT SEAL
2-3
5-6
1-2
4-5
Single pole Double pole
KL31
KL41
ON
-
OFF
KL44*
ON
ON
ON
KL44-1R* ON
ON MOM
KL35
KL45
MOM
-
ON
KL36
KL46
ON
-
ON
KL37
KL47
MOM OFF MOM
KL38
KL48
ON
OFF MOM
KL39
KL49
ON
OFF
ON
2-3
5-6
1-2
4-5
Single pole Double pole
KL31
KL41
ON
-
OFF
KL44*
ON
ON
ON
KL44-1R* ON
ON MOM
KL35
KL45
MOM
-
ON
KL36
KL46
ON
-
ON
KL37
KL47
MOM OFF MOM
KL38
KL48
ON
OFF MOM
KL39
KL49
ON
OFF
ON
TERMINALS
BASIC P/N
CASE + LEDS
ACTUATOR
SCREW
0
6 terminals with barrier
SOLDER LUG / QUICK-CONNECT
2
6 terminals with barrier
4
6 terminals w/o barrier
A
10 terminals with barrier
B
10 terminals w/o barrier
C
10 terminals for use with connector U2292 or U3152
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
screw
(.122DIA)
Ø3.10
(.25x.031)
6.35x0.80
Solder lug / quick-connect
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16