| データシートサーチシステム |
|
KMB-001LEVALZ データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
KMB-001LEVALZ データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 33 page ![]() ISLA224P12 FN7983 Rev.4.01 Page 8 of 32 Apr 8, 2024 AC SPECIFICATIONS Differential Nonlinearity DNL fIN = 105MHz ±0.4 LSB Integral Nonlinearity INL fIN = 105MHz ±3.0 LSB Minimum Conversion Rate (Note 7)fS MIN 40 MSPS Maximum Conversion Rate fS MAX 125 MSPS Signal-to-Noise Ratio (Note 8) SNR fIN = 30MHz 74.7 dBFS fIN = 105MHz 72.7 74.3 dBFS fIN = 190MHz 72.9 dBFS fIN = 363MHz 70.2 dBFS fIN = 461MHz 68.8 dBFS fIN = 605MHz 68.0 dBFS Signal-to-Noise and Distortion (Note 8) SINAD fIN = 30MHz 74.2 dBFS fIN = 105MHz 70.0 72.8 dBFS fIN = 190MHz 71.4 dBFS fIN = 363MHz 69.5 dBFS fIN = 461MHz 65.7 dBFS fIN = 605MHz 60.3 dBFS Effective Number of Bits (Note 8) ENOB fIN = 30MHz 12.03 Bits fIN = 105MHz 11.34 11.80 Bits fIN = 190MHz 11.57 Bits fIN = 363MHz 11.25 Bits fIN = 461MHz 10.62 Bits fIN = 605MHz 9.72 Bits Spurious-Free Dynamic Range (Note 8) SFDR fIN = 30MHz 86 dBc fIN = 105MHz 71 79 dBc fIN = 190MHz 76 dBc fIN = 363MHz 79 dBc fIN = 461MHz 70 dBc fIN = 605MHz 62 dBc Spurious-Free Dynamic Range Excluding H2, H3 (Note 8) SFDRX23 fIN = 30MHz 99 dBc fIN = 105MHz 96 dBc fIN = 190MHz 92 dBc fIN = 363MHz 89 dBc fIN = 461MHz 87 dBc fIN = 605MHz 83 dBc Intermodulation Distortion IMD fIN = 70MHz -84 dBFS fIN = 170MHz -107 dBFS Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125MSPS. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS ISLA224P12 UNITS MIN (Note 5)TYP MAX (Note 5) |