| データシートサーチシステム |
|
KL46JSX データシート(PDF) 8 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL46JSX データシート(HTML) 8 Page - APEM |
|
8 / 16 page ![]() KL series Locking power rocker switches WIRING (CONTINUED) BASIC P/N CASE + LEDS ACTUATOR FOR 10 TERMINAL VERSIONS - INDEPENDENT LED OR INTEGRATED FUNCTIONS G G Standard, to have independent LED. H To obtain 2 symbol illumination levels (night illumination when OFF and higher illumination when ON). Dotted line = external wiring, continuous line = internal wiring Available in Single Pole only, with H and J quick-connect terminals I To have a polarity inversion (typical application : fan motor). Dotted line = external wiring Power supply betweeen 2 and 5 - Load between 1 and 4 or 3 and 6. Available with H and J quick-connect terminals. Please contact us for other wiring solutions. CKLRLF-A CKLRL-P7 23.07.08 ECH 1 - + 4 1 6 3 5 2 indice B + - 10 9 8 7 CKLRLG-A 4 1 6 3 5 2 2 5 3 6 1 4 CKLRLA-A 2 5 3 6 1 4 + - CKLRLB-A CKLRLC-A - + 4 1 6 3 5 2 - + 4 1 6 3 5 2 + - 10 9 8 7 CKLRLH-A 4 1 6 3 5 2 R2 R1 2 5 3 6 1 4 CKLRLE-B - + CKLRLF-A CKLRL-P7 23.07.08 ECH 1 - + 4 1 6 3 5 2 indice B + - 10 9 8 7 CKLRLG-A 4 1 6 3 5 2 2 5 3 6 1 4 CKLRLA-A 2 5 3 6 1 4 + - CKLRLB-A CKLRLC-A - + 4 1 6 3 5 2 - + 4 1 6 3 5 2 + - 10 9 8 7 CKLRLH-A 4 1 6 3 5 2 R2 R1 2 5 3 6 1 4 CKLRLE-B - + H I ACTUATOR TYPE BASIC P/N ACTUATOR CASE + LEDS 1 For non-illuminated application 2 For illuminated application ROCKER COLOR BASIC P/N ACTUATOR CASE + LEDS 1 Blue 1/4 Dark blue 2 Black 3 Green 4 Grey 5 Yellow 6 Red 7 Ivory 9 Orange Note : color 7 not available on illuminated versions CKRRLI-A 10 9 8 7 4 1 6 3 5 2 8 |