| データシートサーチシステム |
|
ATR0622 データシート(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR0622 データシート(HTML) 13 Page - ATMEL Corporation |
|
13 / 26 page ![]() 13 4891CS–GPS–01/06 ATR0622 [Preliminary] The Antenna Supervisor Software will be configured as follows: 1. Enable Control Signal 2. Enable Short Circuit Detection (power down antenna via ANTON if short is detected via NANTSHORT) 3. Enable Open Circuit Detection via NAADET The antenna supervisor function may not be disabled by GPSMODE pin selection. Table 3-14. Antenna Detection I/O Settings GPSMODE11 (Reset = PU) GPSMODE10 (Reset = PU) GPSMODE8 (Reset = PU) Location of NAADET Comment 0 0 0 P25/NAADET0/MISO 0 0 1 P25/NAADET0/MISO 0 1 0 P14/NAADET1 Reserved for further use. Do not use this setting. 011 P14/NAADET1 (Default ROM value) 1 0 0 P14/NAADET1 Reserved for further use. Do not use this setting. 1 0 1 P14/NAADET1 Reserved for further use. Do not use this setting. 1 1 0 P25/NAADET0/MISO 1 1 1 P25/NAADET0/MISO |