| データシートサーチシステム |
|
KL46FDZ データシート(PDF) 4 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL46FDZ データシート(HTML) 4 Page - APEM |
|
4 / 16 page ![]() To order a complete product, fill in all the boxes of the following order guide. BUILD YOUR PART NUMBER NOTICE : please note that not all combinations of above numbers are available. Refer to following pages for further information. KL series Locking power rocker switches ACTUATOR TYPE 1 For non- illuminated application 2 For illuminated application MARKING COLOR Illuminated models Blank White Non-illuminated 1 Blue 2 Black 3 Green 4 Grey 5 Yellow 6 Red 7 White 9 Orange Area A Area B CKLMA1-A CKLMA2-A FICHIER: CKLMA-P3 le 18/03/08 ECHELLE: 0.625 indice A 3 2 1 6 5 4 OFF ON 4 5 6 1 2 3 A B SYMBOLS Symbols & Accessories : see end of the series. CASE + LEDS SERIES KL 3 Single pole 4 Double pole POLES See following pages. WIRING Side B SEALING X No K IP68 Z IP69K CONTACTS A Silver D Gold plated S Silver 20 A*** X None A LED 6 V red B LED 6 V green C LED 6 V yellow M LED 6 V blue R LED 6 V white D LED 12 V red E LED 12 V green LEDS F LED 12 V yellow N LED 12 V blue S LED 12 V white J LED 24 V red K LED 24 V green L LED 24 V yellow P LED 24 V blue T LED 24 V white etc. *** S contacts for all functions except 5 and 4-1R - for normalized quick-connect terminals 6.35x0.8 only. UNLOCKING ACTUATOR COLOR 1 Blue 1/4 Dark blue 2 Black 3 Green 4 Grey 5 Yellow 6 Red 7 Ivory 9 Orange Elastomer Y Yellow R Red G Green Hard plastic (ABS) ROCKER COLOR 1 Blue 1/4 Dark blue 2 Black 6 Red 7 Ivory 9 Orange 3 Green 4 Grey 5 Yellow MARKING ORIENTATION CKLMA1-A CKLMA2-A FICHIER: CKLMA-P3 le 18/03/08 ECHELLE: 0.625 indice A 3 2 1 6 5 4 OFF ON 4 5 6 1 2 3 A B ELECTRICAL FUNCTIONS 1 ON - OFF 4 ON ON ON 4-1R ON ON MOM 5 MOM - ON 6 ON - ON 7 MOM OFF MOM 8 ON OFF MOM 9 ON OFF ON Function 1 only for 6-terminal versions. Functions 5 and 6 cannot be combined with “H” wiring. TERMINALS Screw 0 6 terminals with barrier Normalized quick-connect 6.35x0.8 3 6 terminals with barrier 5 6 terminals w/o barrier D 10 term. with barrier E 10 term. w/o barrier F 10 term. for use with connector U2292 or U3152 Normalized quick-connect 2.8x0.8 G 10 term. with barrier H 10 term. w/o barrier J 10 terminals for use with connector U2282 Solder lug/quick-connect 2 6 terminals with barrier 4 6 terminals w/o barrier A 10 term. with barrier B 10 term. w/o barrier C 10 terminals for use with connector U2292 N 4 |