| データシートサーチシステム |
|
SH7124 データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7124 データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 782 page ![]() Section 2 CPU Rev. 3.00 Sep. 27, 2007 Page 29 of 758 REJ09B0243-0300 Addressing Mode Instruction Format Effective Address Calculation Method Calculation Formula PC relative Rn Effective address is sum of PC and Rn. PC PC + Rn Rn + PC + Rn Immediate #imm:8 8-bit immediate data imm of TST, AND, OR, or XOR instruction is zero-extended. #imm:8 8-bit immediate data imm of MOV, ADD, or CMP/EQ instruction is sign-extended. #imm:8 8-bit immediate data imm of TRAPA instruction is zero-extended and multiplied by 4. 2.4.3 Instruction Formats This section describes the instruction formats, and the meaning of the source and destination operands. The meaning of the operands depends on the instruction code. The following symbols are used in the table. xxxx: Instruction code mmmm: Source register nnnn: Destination register iiii: Immediate data dddd: Displacement |