データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KL48FSZ データシート(PDF) 3 Page - APEM

部品番号 KL48FSZ
部品情報  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APEM [APEM]
ホームページ  www.apem.com
Logo APEM - APEM

KL48FSZ データシート(HTML) 3 Page - APEM

  KL48FSZ Datasheet HTML 1Page - APEM KL48FSZ Datasheet HTML 2Page - APEM KL48FSZ Datasheet HTML 3Page - APEM KL48FSZ Datasheet HTML 4Page - APEM KL48FSZ Datasheet HTML 5Page - APEM KL48FSZ Datasheet HTML 6Page - APEM KL48FSZ Datasheet HTML 7Page - APEM KL48FSZ Datasheet HTML 8Page - APEM KL48FSZ Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Function 1 *
KL31-KL41
Function 5
KL35 - KL45
Function 6
KL36-KL46
* Function 1 : Only available for 6 terminal versions,
illuminated versions only available with “A” wiring.
Function 7
KL37-KL47
Function 8
KL38-KL48
Function 9
KL39-KL49
Function 4
KL44
Function
4-1R
KL44-1R
TERMINALS
(.031)
(.118DIAx0.50 IS)
Ø3.00x0.50 SI
0.80
6.35
(.25)
Screw
(.122DIA)
Ø3.10
(.25x.031)
6.35x0.80
Solder lug / quick-connect
Normalized quick-connect 6.35x0.8
2.80x0.80
(.110x.031)
(.047DIA)
Ø1.20
Normalized quick-connect 2.8x0.8
Locking power rocker switches
KL series
ELECTRICAL FUNCTIONS AND CONNECTIONS
In the tables below, terminal connections as viewed from bottom of switch. Only the contact area is represented.
For single pole models, only terminals 1, 2 and 3 are to be considered (not 6, 5, 4).
x = w/o terminal
o = with terminal
= momentary
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
2 POSITIONS
3 POSITIONS
Press unlocking actuator to unlock.
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
indice B
ECHELLE: 0.45
le 25/02/10
FICHIER: CKLFUN-P4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
1
2
3
65
4
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
32
1
4
5
6
1
2
3
65
4
CKLFUN7894-A
CKLFUN156-B
32
1
CKLFUN2-A
1
2
33
21
1
2
3
CKLFUN1-A
1
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16