データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34C02 データシート(PDF) 18 Page - STMicroelectronics

部品番号 M34C02
部品情報  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 データシート(HTML) 18 Page - STMicroelectronics

Back Button M34C02 Datasheet HTML 11Page - STMicroelectronics M34C02 Datasheet HTML 12Page - STMicroelectronics M34C02 Datasheet HTML 13Page - STMicroelectronics M34C02 Datasheet HTML 14Page - STMicroelectronics M34C02 Datasheet HTML 15Page - STMicroelectronics M34C02 Datasheet HTML 16Page - STMicroelectronics M34C02 Datasheet HTML 17Page - STMicroelectronics M34C02 Datasheet HTML 18Page - STMicroelectronics M34C02 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
M34C02
18/19
Table 14. Revision History
Date
Description of Revision
27-Dec-1999
Adjustments to the formatting. 0 to 70°C temperature range removed from DC and AC tables.
No change to description of device, or parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19